データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MH373FK データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7MH373FK
部品情報  Octal D-Type Latch with 3-State Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH373FK データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7MH373FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MH373FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7MH373FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH373FK
Octal D-Type Latch with 3-State Output
The TC7MH373FK is an advanced high speed CMOS octal
latch with 3-state output fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
bipolar schottky TTL while marinating the CMOS low power
dissipation.
This 8 bit D-type latch is controlled by a latch enable input
(LE) and an output enable input (OE).
When the OE input is high, the eight outputs are in a high
impedance state.
An input protection circuit ensures the 0 to 5.5 V can be
applied to the input pins can be used to interface 5 V to 3 V
systems and two supply systems such as battery back up.
This circuit prevents destruction due to mismatched supply
and input voltages.
Features
• High speed: tpd = 5.0 ns (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Low noise: VOLP = 0.8 (max)
• Pin and function compatible with 74ALS373
Weight: 0.03 g (typ.)


同様の部品番号 - TC7MH373FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
More results

同様の説明 - TC7MH373FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com