データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MH540FK データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC7MH540FK
部品情報  Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH540FK データシート(HTML) 5 Page - Toshiba Semiconductor

  TC7MH540FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MH540FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MH540FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MH540FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MH540FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MH540FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MH540FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MH540FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MH540,541FK
2007-10-19
5
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
4.8
7.0
1.0
8.5
3.3
± 0.3
50
7.3
10.5
1.0
12.0
15
3.7
5.0
1.0
6.0
Propagation delay time
(TC7MH540FK)
tpLH
tpHL
5.0
± 0.5
50
5.2
7.0
1.0
8.0
ns
15
5.0
7.0
1.0
8.5
3.3
± 0.3
50
7.5
10.5
1.0
12.0
15
3.5
5.0
1.0
6.0
Propagation delay time
(TC7MH541FK)
tpLH
tpHL
5.0
± 0.5
50
5.0
7.0
1.0
8.0
ns
15
6.8
10.5
1.0
12.5
3.3
± 0.3
50
9.3
14.0
1.0
16.0
15
4.7
7.2
1.0
8.5
3-state output enable time
tpZL
tpZH
RL = 1 kΩ
5.0
± 0.5
50
6.2
9.2
1.0
10.5
ns
3.3
± 0.3
50
11.2
15.4
1.0
17.5
3-state output disable time
tpLZ
tpHZ
RL = 1 kΩ
5.0
± 0.5
50
6.0
8.8
1.0
10.0
ns
3.3
± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0
± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
TC7MH540FK
17
Power dissipation
capacitance
(Note 2)
CPD
TC7MH541FK
18
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)


同様の部品番号 - TC7MH540FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH540FK TOSHIBA-TC7MH540FK Datasheet
152Kb / 8P
   Inverted, 3-State Outputs
More results

同様の説明 - TC7MH540FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com