データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MH595FK データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7MH595FK
部品情報  8-Bit Shift Register/Latch (3-State)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH595FK データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7MH595FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MH595FK_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7MH595FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH595FK
8-Bit Shift Register/Latch (3-State)
The TC7MH595FK is an advanced high speed 8 bit shift
register/latch fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
bipolar schottky TTL while maintaining the CMOS low power
dissipation.
The TC7MH595FK contains an 8 bit static shift register which
feeds an 8 bit storage register.
Shift operation is accomplished on the positive going transition
of the SCK input. The output register is loaded with the contents
of the shift register on the positive going transition of the RCK
input. Since RCK and SCK signals are independent, parallel
outputs can be held stable during the shift operation. And, since
the parallel outputs are 3-state, it can be directly connected to 8
bit bus. This register can be used in serial-to-parallel conversion,
data receivers, etc.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 185 MHz (typ.) (VCC = 5 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Wide operating voltage range: VCC (opr) = 2~5.5 V
• Low noise: VOLP = 1.0 V (max)
• Pin and function compatible with 74ALS595
Weight: 0.02 g (typ.)


同様の部品番号 - TC7MH595FK_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
More results

同様の説明 - TC7MH595FK_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_07 Datasheet
278Kb / 13P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com