データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7MP3125FTG データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TC7MP3125FTG
部品情報  Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP3125FTG データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TC7MP3125FTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 9Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 10Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 11Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 12Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 13Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 14Page - Toshiba Semiconductor TC7MP3125FTG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TC7MP3125FK/FTG
2007-10-19
11
DC Characteristics (1.4 V ≤ VCCA < 1.65 V, 2.3 V ≤ VCCB ≤ 2.7 V)
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCCA (V) VCCB (V)
Min
Max
Unit
VIHA
DIR, OE , An
1.4 to 1.65 2.3 to 2.7
0.65
×
VCCA
H-level input voltage
VIHB
Bn
1.4 to 1.65 2.3 to 2.7
1.6
V
VILA
DIR, OE , An
1.4 to 1.65 2.3 to 2.7
0.30
×
VCCA
L-level input voltage
VILB
Bn
1.4 to 1.65 2.3 to 2.7
0.7
V
IOHA = −100 μA 1.4 to 1.65 2.3 to 2.7
VCCA
0.2
VOHA
IOHA = −1 mA
1.4
2.3 to 2.7
1.05
IOHB = −100 μA 1.4 to 1.65 2.3 to 2.7
VCCB
0.2
H-level output voltage
VOHB
VIN = VIH or VIL
IOHB = −9 mA
1.4 to 1.65
2.3
1.7
V
IOLA = 100 μA
1.4 to 1.65 2.3 to 2.7
0.2
VOLA
IOLA = 1 mA
1.4
2.3 to 2.7
0.35
IOLB = 100 μA
1.4 to 1.65 2.3 to 2.7
0.2
L-level output voltage
VOLB
VIN = VIH or VIL
IOLB = 9mA
1.4 to 1.65
2.3
0.6
V
IOZA
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.4 to 1.65 2.3 to 2.7
±2.0
3-state output OFF state current
IOZB
VIN = VIH or VIL
VOUT = 0 to 3.6 V
1.4 to 1.65 2.3 to 2.7
±2.0
μA
Input leakage current
IIN
VIN (DIR, OE ) = 0 to 3.6 V
1.4 to 1.65 2.3 to 2.7
±1.0
μA
IOFF1
0
0
2.0
IOFF2
1.4 to 1.65
0
2.0
Power-off leakage current
IOFF3
VIN, VOUT = 0 to 3.6 V
1.4 to 1.65
Open
2.0
μA
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
1.4 to 1.65 2.3 to 2.7
2.0
ICCB
VINA = VCCA or GND
VINB = VCCB or GND
1.4 to 1.65 2.3 to 2.7
2.0
μA
ICCA
VCCA (VIN, VOUT) 3.6 V
1.4 to 1.65 2.3 to 2.7
±2.0
Quiescent supply current
ICCB
VCCB (VIN, VOUT) 3.6 V
1.4 to 1.65 2.3 to 2.7
±2.0
μA


同様の部品番号 - TC7MP3125FTG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
More results

同様の説明 - TC7MP3125FTG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPH3125FK TOSHIBA-TC7MPH3125FK Datasheet
343Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com