データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26C31 データシート(PDF) 1 Page - Texas Instruments

部品番号 AM26C31
部品情報  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM26C31 データシート(HTML) 1 Page - Texas Instruments

  AM26C31_03 Datasheet HTML 1Page - Texas Instruments AM26C31_03 Datasheet HTML 2Page - Texas Instruments AM26C31_03 Datasheet HTML 3Page - Texas Instruments AM26C31_03 Datasheet HTML 4Page - Texas Instruments AM26C31_03 Datasheet HTML 5Page - Texas Instruments AM26C31_03 Datasheet HTML 6Page - Texas Instruments AM26C31_03 Datasheet HTML 7Page - Texas Instruments AM26C31_03 Datasheet HTML 8Page - Texas Instruments AM26C31_03 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AM26C31
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
TIA/EIA-422-B and ITU Recommendation
V.11
D Low Power, ICC = 100 µA Typ
D Operates From a Single 5-V Supply
D High Speed, tPLH = tPHL = 7 ns Typ
D Low Pulse Distortion, tsk(p) = 0.5 ns Typ
D High Output Impedance in Power-Off
Conditions
D Improved Replacement for AM26LS31
D Available in Q-Temp Automotive
− High-Reliability Automotive Applications
− Configuration Control/Print Support
− Qualification to Automotive Standards
description/ordering information
The AM26C31 is a differential line driver with
complementary outputs, designed to meet the
requirements of TIA/EIA-422-B and ITU (formerly
CCITT). The 3-state outputs have high-current
capability for driving balanced lines, such as
twisted-pair or parallel-wire transmission lines,
and they provide the high-impedance state in the
power-off condition. The enable functions are
common to all four drivers and offer the choice of
an active-high (G) or active-low (G) enable input.
BiCMOS circuitry reduces power consumption
without sacrificing speed.
The AM26C31C is characterized for operation from 0
°C to 70°C, the AM26C31I is characterized for operation
from −40
°C to 85°C, the AM26C31Q is characterized for operation over the automotive temperature range of
−40
°C to 125°C, and the AM26C31M is characterized for operation over the full military temperature range of
−55
°C to 125°C.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
AM26C31M ...J OR W PACKAGE
AM26C31Q ...D PACKAGE
AM26C31C/I . . . D, DB, N, OR NS PACKAGE
(TOP VIEW)
AM26C31M . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
91011 12 13
4
5
6
7
8
18
17
16
15
14
4Y
4Z
NC
G
3Z
1Z
G
NC
2Z
2Y
NC − No internal connection


同様の部品番号 - AM26C31_03

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

同様の説明 - AM26C31_03

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com