データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7SBD385AFU データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TC7SBD385AFU
部品情報  Single Bus Switch with Level Shifting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SBD385AFU データシート(HTML) 2 Page - Toshiba Semiconductor

  TC7SBD385AFU Datasheet HTML 1Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 2Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 3Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 4Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 5Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 6Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SBD385AFU
2007-10-19
2
Truth Table
Input
OE
Function
L
Disconnect
H
A port
= B port
System Diagram
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Power supply range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC switch voltage
VS
−0.5~7.0
V
Input diode current
IIK
−50
mA
Continuous channel current
IS
128
mA
Power dissipation
PD
200
mW
DC VCC/GND current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5~5.5
V
Input voltage
VIN
0~5.5
V
Switch voltage
VS
0~5.5
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
dt/dv
0~10
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
A
OE
B


同様の部品番号 - TC7SBD385AFU

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
   Single Bus Switch with Level Shifting
More results

同様の説明 - TC7SBD385AFU

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7SBD384AFU TOSHIBA-TC7SBD384AFU Datasheet
178Kb / 7P
   Single Bus Switch with Level Shifting
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
   Single Bus Switch with Level Shifting
logo
Texas Instruments
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G125 TI-SN74CBTD1G125 Datasheet
65Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G125DBVR TI-SN74CBTD1G125DBVR Datasheet
606Kb / 14P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
   Dual bus switch with level shifting
Rev. 8-1 May 2012
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com