データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7SBL384AFU データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7SBL384AFU
部品情報  Single Low-Voltage Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SBL384AFU データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7SBL384AFU Datasheet HTML 1Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 2Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 3Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 4Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 5Page - Toshiba Semiconductor TC7SBL384AFU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SBL384AFU
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SBL384AFU
Single Low-Voltage Bus Switch
The TC7SBL384AFU is a low ON-resistance, high-speed
CMOS 1-bit bus switch with low-voltage operation. The low
ON-resistance of the switch allows connections to be made with
minimal propagation delay.
The device comprises a single-bit low-impedance switch with
output-enable ( OE ) input. When OE is low, the switch is on and
data can flow from port A to port B, or vice versa. When OE is
high, the switch is open and a high-impedance state exists
between the two ports.
P-MOS and N-MOS channel blocks also render the device
suitable for analog signal transmission.
All inputs are equipped with protection circuits to guard
against static discharge.
Features
• Operating voltage: VCC = 2~3.6 V
• High speed operation: tpd = 0.31 ns (max) @3 V
• Low ON-resistance: RON = 5 Ω (typ.) @3 V
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection for inputs. ( OE input only)
• Package: USV
Pin Assignment (top view)
Weight: 0.006 g (typ.)
VCC
5
4
A
1
2
3
GND
B
J N
OE


同様の部品番号 - TC7SBL384AFU

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7SBL384CFU TOSHIBA-TC7SBL384CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
More results

同様の説明 - TC7SBL384AFU

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_10 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI-SN74CBTLV1G125-Q1_15 Datasheet
321Kb / 11P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
logo
Toshiba Semiconductor
TC7SBL66CFU TOSHIBA-TC7SBL66CFU Datasheet
185Kb / 9P
   Low Voltage / Low Capacitance Single Bus Switch
logo
Texas Instruments
SN74CBTLV1G125 TI-SN74CBTLV1G125_15 Datasheet
582Kb / 13P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI1-SN74CBTLV1G125-Q1 Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_07 Datasheet
349Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
logo
Fairchild Semiconductor
NC7SZ66 FAIRCHILD-NC7SZ66_10 Datasheet
568Kb / 9P
   Low Voltage Single SPST Normally Open Bus Switch
logo
ON Semiconductor
NC7SZ66 ONSEMI-NC7SZ66 Datasheet
630Kb / 11P
   Low Voltage Single SPST Normally Open Bus Switch
September 2013 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com