データシートサーチシステム |
|
TC75W60FU データシート(PDF) 2 Page - Toshiba Semiconductor |
|
TC75W60FU データシート(HTML) 2 Page - Toshiba Semiconductor |
2 / 11 page TC75W60FU/FK 2007-11-01 2 Marking (top view) Pin Connection (top view) Electrical Characteristics DC Characteristics (VDD = 3.0 V, VSS = GND, Ta = 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Input offset voltage VIO ⎯ RS = 1 kΩ ⎯ 2 7 mV Input offset current IIO ⎯ ⎯ ⎯ 1 ⎯ pA Input bias current II ⎯ ⎯ ⎯ 1 ⎯ pA Common mode input voltage CMVIN ⎯ ⎯ 0.0 ⎯ 2.1 V Voltage gain (open loop) GV ⎯ ⎯ 60 70 ⎯ dB VOH ⎯ RL = 100 kΩ 2.9 ⎯ ⎯ Maximum output voltage VOL ⎯ RL = 100 kΩ ⎯ ⎯ 0.1 V Common mode rejection ratio CMRR ⎯ VIN = 0.0 to 2.1 V 54 70 ⎯ dB Suuply voltage rejection ratio SVRR ⎯ VDD = 1.8 to 7.0 V 60 70 ⎯ dB Supply current IDD ⎯ ⎯ ⎯ 660 1000 μA Source current Isource ⎯ ⎯ 330 700 ⎯ μA Sink current Isink ⎯ ⎯ 600 1250 ⎯ μA DC Characteristics (VDD = 1.8 V, VSS = GND, Ta = 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Input offset voltage VIO ⎯ RS = 1 kΩ ⎯ 2 7 mV Input offset current IIO ⎯ ⎯ ⎯ 1 ⎯ pA Input bias current II ⎯ ⎯ ⎯ 1 ⎯ pA Common mode input voltage CMVIN ⎯ ⎯ 0.3 ⎯ 0.9 V Voltage gain (open loop) GV ⎯ ⎯ ⎯ 70 ⎯ dB VOH ⎯ RL = 100 kΩ 1.7 ⎯ ⎯ maximum output voltage VOL ⎯ RL = 100 kΩ ⎯ ⎯ 0.1 V Common mode rejection ratio CMRR ⎯ VIN = 0.3 to 0.9 V 50 60 ⎯ dB Supply current IDD ⎯ ⎯ ⎯ 600 900 μA Source current Isource ⎯ ⎯ 300 700 ⎯ μA Sink current Isink ⎯ ⎯ 550 1150 ⎯ μA Lot No. Type name 5 W 6 0 TC75W60FU 8 7 6 5 1 2 3 4 5 W 6 0 TC75W60FK 8 7 6 5 1 2 3 4 OUT IN ( −)IN (+) VSS VDD OUT IN (−) IN (+) 8 7 6 5 1 2 3 4 |
同様の部品番号 - TC75W60FU |
|
同様の説明 - TC75W60FU |