データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LCX16245FT データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC74LCX16245FT
部品情報  Low-Voltage 16-Bit Bus Transceiver with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16245FT データシート(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX16245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16245FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74LCX16245FT
2007-10-19
5
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
2.3 to 2.7
1.7
H-level
VIH
2.7 to 3.6
2.0
2.3 to 2.7
0.7
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA
2.3 to 3.6
VCC
− 0.2
IOH = −8 mA
2.3
1.8
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.3 to 3.6
0.2
IOL = 8 mA
2.3
0.6
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0 to 5.5 V
2.3 to 3.6
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 5.5 V
2.3 to 3.6
±5.0
μA
Power-off leakage current
IOFF
VIN/VOUT = 5.5 V
0
10.0
μA
VIN = VCC or GND
2.3 to 3.6
20.0
Quiescent supply current
ICC
VIN/VOUT = 3.6 to 5.5 V
2.3 to 3.6
±20.0
Increase in Icc per input
ΔICC
VIH = VCC − 0.6 V
2.3 to 3.6
500
μA


同様の部品番号 - TC74LCX16245FT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX16245 TOSHIBA-TC74LCX16245 Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16245AFT TOSHIBA-TC74LCX16245AFT Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

同様の説明 - TC74LCX16245FT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT Datasheet
370Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16245AFT TOSHIBA-TC74LCX16245AFT Datasheet
266Kb / 7P
   LOW-VOLTAGE 16-BIT BUS TRANSCEIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT Datasheet
375Kb / 9P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ245FK TOSHIBA-TC7MZ245FK_07 Datasheet
190Kb / 8P
   Low Voltage Octal Bus Transceiver with 5 V Tolerant Inputs and Outputs
TC74LCX245F TOSHIBA-TC74LCX245F_10 Datasheet
235Kb / 12P
   Low-Voltage Octal Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com