データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LCXR164245FT データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC74LCXR164245FT
部品情報  16-Bit Dual Supply Bus Transceiver with Series Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCXR164245FT データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74LCXR164245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LCXR164245FT Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC74LCXR164245FT
2007-10-19
6
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
VCCB
4.5 to 5.5
Power supply voltage
VCCA
2.3 to 3.6
V
Input voltage
(DIR,
OE )
VIN
0 to 5.5
V
0 to 5.5
(Note 2)
VI/OB
0 to VCCB (Note 3)
0 to 5.5
(Note 2)
Bus I/O voltage
VI/OA
0 to VCCA (Note 3)
V
±12
(Note 4)
IOUTB
±12
(Note 5)
Output current
IOUTA
±4
(Note 6)
mA
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 7)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must
be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with VCC or GND when
the I/O of the bus terminal changes by the function. In this case, please note that the output is not
short-circuited.
Note 2: OFF state
Note 3: High or low state
Note 4: VCCB = 4.5 to 5.5 V
Note 5: VCCA = 3.0 to 3.6 V
Note 6: VCCA = 2.3 to 2.7 V
Note 7: VINB = 0.8 to 2.0 V, VCCB = 5.0 V
VINA = 0.8 to 2.0 V, VCCA = 3.0 V


同様の部品番号 - TC74LCXR164245FT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
More results

同様の説明 - TC74LCXR164245FT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com