データシートサーチシステム |
|
TC74LVX02F データシート(PDF) 2 Page - Toshiba Semiconductor |
|
TC74LVX02F データシート(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TC74LVX02F/FN/FT 2007-10-17 2 Pin Assignment (top view) IEC Logic Symbol Truth Table Inputs Outputs A B Y L L H L H L H L L H H L Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). VCC 14 4B 4A 4Y 3B 3A 13 12 11 10 9 8 1A 1 2 3 4 5 6 7 1B 2Y 2A 2B 1Y GND 3Y (3) (2) (6) (5) (9) (8) (12) (11) 1B 1A 2B 2A 3B 3A 4B 4A (1) (4) (10) (13) 1Y 2Y 3Y 4Y > 1 |
同様の部品番号 - TC74LVX02F |
|
同様の説明 - TC74LVX02F |