データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC574DW データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC574DW
部品情報  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74HC574DW データシート(HTML) 4 Page - Texas Instruments

  SN74HC574DW Datasheet HTML 1Page - Texas Instruments SN74HC574DW Datasheet HTML 2Page - Texas Instruments SN74HC574DW Datasheet HTML 3Page - Texas Instruments SN74HC574DW Datasheet HTML 4Page - Texas Instruments SN74HC574DW Datasheet HTML 5Page - Texas Instruments SN74HC574DW Datasheet HTML 6Page - Texas Instruments SN74HC574DW Datasheet HTML 7Page - Texas Instruments SN74HC574DW Datasheet HTML 8Page - Texas Instruments SN74HC574DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN54HC574, SN74HC574
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCLS148F – DECEMBER 1982 – REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC574
SN74HC574
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
f
Clock frequency
2 V
6
4
5
MHz
fclock
Clock frequency
4.5 V
30
20
24
MHz
clock
6 V
38
24
28
t
Pulse duration, CLK high or low
2 V
80
120
100
ns
tw
Pulse duration, CLK high or low
4.5 V
16
24
20
ns
w
6 V
14
20
17
t
Setup time, data before CLK
2 V
100
150
125
ns
tsu
Setup time, data before CLK
4.5 V
20
30
25
ns
su
6 V
17
26
21
t
Hold time, data after CLK
2 V
5
5
5
ns
th
Hold time, data after CLK
4.5 V
5
5
5
ns
h
6 V
5
5
5
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC574
SN74HC574
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
2 V
6
11
4
5
MHz
fmax
4.5 V
30
36
20
24
MHz
max
6 V
36
40
24
28
t
CLK
Any Q
2 V
90
180
270
225
ns
tpd
CLK
Any Q
4.5 V
28
36
54
45
ns
pd
6 V
24
31
46
38
t
OE
Any Q
2 V
77
150
225
190
ns
ten
OE
Any Q
4.5 V
26
30
45
38
ns
en
6 V
23
26
38
32
t
OE
Any Q
2 V
52
150
225
190
ns
tdis
OE
Any Q
4.5 V
24
30
45
38
ns
dis
6 V
22
26
38
32
t
Any Q
2 V
28
60
90
75
ns
tt
Any Q
4.5 V
8
12
18
15
ns
t
6 V
6
10
15
13


同様の部品番号 - SN74HC574DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC574DW TI-SN74HC574DW Datasheet
108Kb / 16P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74HC574DW TI-SN74HC574DW Datasheet
536Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74HC574DW TI1-SN74HC574DW Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN74HC574DW TI1-SN74HC574DW Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74HC574DWE4 TI-SN74HC574DWE4 Datasheet
536Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74HC574DW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com