データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LVX374F データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC74LVX374F
部品情報  Octal D-Type Flip-Flop with 3-State Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX374F データシート(HTML) 5 Page - Toshiba Semiconductor

  TC74LVX374F Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX374F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74LVX374F/FT
2007-10-17
5
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V) CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.5
16.3
1.0
19.5
tpLH
2.7
50
11.0
19.8
1.0
23.0
15
6.7
10.6
1.0
12.5
Propagation delay time
(CK-Q)
tpHL
3.3
± 0.3
50
9.2
14.1
1.0
16.0
ns
15
7.6
14.5
1.0
17.5
tpZL
2.7
50
10.1
18.0
1.0
21.0
15
5.9
9.3
1.0
11.0
Output enable time
tpZH
RL = 1 kΩ
3.3
± 0.3
50
8.4
12.8
1.0
14.5
ns
tpLZ
2.7
50
11.5
18.5
1.0
22.0
Output disable time
tpHZ
RL = 1 kΩ
3.3
± 0.3
50
9.6
13.2
1.0
15.0
ns
15
60
115
50
2.7
50
45
60
40
15
100
160
85
Maximum clock frequency
fmax
3.3
± 0.3
50
60
95
55
MHz
2.7
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
3.3
± 0.3
50
1.5
1.5
ns
Input capacitance
CIN
(Note 2)
4
10
10
pF
Output capacitance
COUT
6
pF
Power dissipation capacitance
CPD
(Note 3)
32
pF
Note 1: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Note 2: Parameter guaranteed by design.
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per F/F)
And the total CPD when n pcs. of Flip Flop operate can be gained by the following equation:
CPD (total) = 20 + 12・n


同様の部品番号 - TC74LVX374F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
TC74LVX374FT TOSHIBA-TC74LVX374FT Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
TC74LVX374FW TOSHIBA-TC74LVX374FW Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
More results

同様の説明 - TC74LVX374F

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com