データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VCX02FK データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TC74VCX02FK
部品情報  Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX02FK データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VCX02FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74VCX02FT/FK
2007-10-19
6
AC Characteristics (Ta = −40 to 85°C, input: tr = tf = 2.0 ns) (Note 1)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.2
3.0
37.0
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
2.0
14.8
1.8
± 0.15
1.5
7.4
2.5
± 0.2
0.8
3.7
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.6
2.8
ns
1.2
1.5
CL = 15 pF, RL = 2 kΩ
1.5
± 0.1
1.5
1.8
± 0.15
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note 2)
CL = 30 pF, RL = 500 Ω
3.3
± 0.3
0.5
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 2: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.25
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.6
Quiet output maximum dynamic
VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
−0.25
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
−0.6
Quiet output minimum dynamic
VOL
VOLV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
−0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
1.5
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
1.9
Quiet output minimum dynamic
VOH
VOHV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
2.2
V
Note:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
1.8, 2.5, 3.3
6
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note) 1.8, 2.5, 3.3
20
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per gate)


同様の部品番号 - TC74VCX02FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX02FT TOSHIBA-TC74VCX02FT Datasheet
366Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NOT GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

同様の説明 - TC74VCX02FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
   Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_12 Datasheet
200Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F Datasheet
253Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX86FT TOSHIBA-TC74VCX86FT_07 Datasheet
245Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 3.6-V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F_12 Datasheet
210Kb / 9P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX02 FAIRCHILD-74LCX02 Datasheet
91Kb / 8P
   Low Voltage Quad 2-Input NOR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com