データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VCX14FK データシート(PDF) 7 Page - Toshiba Semiconductor

部品番号 TC74VCX14FK
部品情報  Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX14FK データシート(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74VCX14FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74VCX14FT/FK
2007-10-19
7
Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.25
V
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.6
V
Quiet output maximum dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
−0.25
V
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
−0.6
V
Quiet output minimum dynamic VOL
VOLV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
−0.8
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
1.5
V
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
1.9
V
Quiet output minimum dynamic VOH
VOHV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
2.2
V
Note:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
1.8, 2.5, 3.3
6
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
1.8, 2.5, 3.3
20
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/6 (per gate)


同様の部品番号 - TC74VCX14FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

同様の説明 - TC74VCX14FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT Datasheet
333Kb / 8P
   LOW-VOLTAGE HEX INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com