データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VCX374FT データシート(PDF) 9 Page - Toshiba Semiconductor

部品番号 TC74VCX374FT
部品情報  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX374FT データシート(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCX374FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 12Page - Toshiba Semiconductor TC74VCX374FT_07 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TC74VCX374FT/FK
2007-10-19
9
AC Test Circuit
AC Waveform
Figure 2 tpLH, tpHL, tw, ts, th
10%
Output
(Q)
VOL
VOH
VM
tpHL
tpLH
tr 2.0 ns
90%
VM
tf 2.0 ns
VIH
GND
90%
VM
10%
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CK)
tr 2.0 ns
tf 2.0 ns
VIH
GND
Input
(D)
6.0 V or VCC × 2
Open
GND
Switch
Output
Measure
Figure 1
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
@VCC = 3.3 ± 0.3 V
VCC × 2
@VCC = 2.5 ± 0.2 V
@VCC = 1.8 ± 0.15 V
@VCC = 1.5 ± 0.1 V
@VCC = 1.2 V
tpHZ, tpZH
GND
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
1.5
± 0.1 V
1.2 V
RL
500Ω
2kΩ
CL
30pF
15pF


同様の部品番号 - TC74VCX374FT_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX374FTG TOSHIBA-TC74VCX374FTG Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
More results

同様の説明 - TC74VCX374FT_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA2374FK TOSHIBA-TC7MA2374FK_07 Datasheet
228Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX574FT TOSHIBA-TC74VCX574FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com