データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VCX16843FT データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TC74VCX16843FT
部品情報  Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16843FT データシート(HTML) 3 Page - Toshiba Semiconductor

  TC74VCX16843FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16843FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC74VCX16843FT
2007-10-19
3
Truth Table (each 9-bit latch)
Inputs
PR
CLR
OE
LE
D
Output
Q
L
X
L
X
X
H
H
L
L
X
X
L
H
H
L
H
L
L
H
H
L
H
H
H
H
H
L
L
X
Qn
X
X
H
X
X
Z
X: Don’t care
Z: High impedance
Qn: Q outputs are latched at the time when the LE input is taken to a low logic level.
System Diagram
1Q1
To eight other channels
OE
1
PR
1
CLR
1
1LE
1D1
2
55
1
56
54
S
LE
D
R
3
2Q1
To eight other channels
OE
2
PR
2
CLR
2
2LE
2D1
27
30
28
29
42
S
LE
D
R
15


同様の部品番号 - TC74VCX16843FT_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX16843FT TOSHIBA-TC74VCX16843FT Datasheet
393Kb / 11P
   LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

同様の説明 - TC74VCX16843FT_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCX162843FT TOSHIBA-TC74VCX162843FT_07 Datasheet
228Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162841FT TOSHIBA-TC74VCX162841FT_07 Datasheet
226Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16373FT TOSHIBA-TC74VCX16373FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com