データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VCXHR162543FT データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC74VCXHR162543FT
部品情報  Low-Voltage 16-Bit Registered Transceiver with Bushold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXHR162543FT データシート(HTML) 1 Page - Toshiba Semiconductor

  TC74VCXHR162543FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXHR162543FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC74VCXHR162543FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCXHR162543FT
Low-Voltage 16-Bit Registered Transceiver with Bushold
The TC74VCXHR162543FT is a high-performance CMOS
16-bit registered transceiver. Designed for use in 1.8-V, 2.5-V or
3.3-V systems, it achieves high-speed operation while
maintaining the CMOS low power dissipation.
The TC74VCXHR162543FT can be used as two 8-bit
transceivers or one 16-bit transceiver. Separate latch-enable
(LEAB or LEBA) and output-enable (OEAB or OEBA) inputs are
provided for each register to permit independent control in either
direction of data flow.
The A-to-B enable (CEAB) input must be low in order to enter
data from A or to output data from B. If CEAB is low and LEAB
is low, the A-to-B latches are transparent; a subsequent
low-to-high transition of LEAB puts the Alatches in the storage mode. With CEAB and OEAB both low, the 3-state
B outputs are active and reflect the data present at the output of the A latches.
Data flow from B to A is similar but requires using the CEBA, LEBA, and OEBA inputs.
When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with
3-state memory address drivers, etc.
The 26-Ω series resistor helps reducing output overshoot and undershoot without external resistor.
The A, B data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold
unused or floating data inputs at a valid logic level.
All inputs are equipped with protection circuits against static discharge.
Features (Note)
• 26-Ω series resistors on outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• Bushold on data inputs eliminating the need for external pull-up/pull-down resistors
• High-speed operation: tpd = 4.4 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 5.4 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 9.8 ns (max) (VCC = 1.8 V)
• 3.6-V tolerant control inputs
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
Note:
Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
Weight: 0.25 g (typ.)


同様の部品番号 - TC74VCXHR162543FT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162652FT TOSHIBA-TC74VCXHR162652FT Datasheet
245Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results

同様の説明 - TC74VCXHR162543FT

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCXH16543FT TOSHIBA-TC74VCXH16543FT Datasheet
225Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Toshiba Semiconductor
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162652FT TOSHIBA-TC74VCXHR162652FT Datasheet
245Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15