データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74VCXR162601FT データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TC74VCXR162601FT
部品情報  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162601FT データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TC74VCXR162601FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 13Page - Toshiba Semiconductor TC74VCXR162601FT_07 Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TC74VCXR162601FT
2007-10-19
11
Figure 4 tpLH, tpHL, tw, ts, th
th (L)
ts (L)
10%
90%
VM
VIH
GND
VIH
GND
VOH
VOL
ts (H)
th (H)
tf 2.0 ns
tr 2.0 ns
90%
VM
10%
VM
VM
tpHL
tpLH
VM
tw (H)
tpLH
tpHL
VM
Input
(LE)
Input
(An, Bn)
Output
(Bn, An)
tr 2.0 ns
tf 2.0 ns
Figure 5 ts, th
90%
tr 2.0 ns
VIH
GND
VM
10%
ts (H)
th (H)
ts (L)
th (L)
Input
( CKENAB , CKENBA )
VIH
GND
Input
(CKAB, CKBA)
VM
tf 2.0 ns
tr 2.0 ns


同様の部品番号 - TC74VCXR162601FT_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT Datasheet
420Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

同様の説明 - TC74VCXR162601FT_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com