データシートサーチシステム |
|
TDA7410NDTR データシート(PDF) 10 Page - STMicroelectronics |
|
TDA7410NDTR データシート(HTML) 10 Page - STMicroelectronics |
10 / 34 page Electrical Specification TDA7410ND 10/34 GMAX Max gain 32 dB AMAX Max attenuation -83 -79 -75 dB ASTEP Step resolution -0.5 1 1.5 dB EA Attenuation set error G = -20 to +15dB 0 dB G = -79 to -20dB -4 0 3 dB ET Tracking error 2 dB VDC DC steps Adjacent attenuation steps 0.1 3 mV From 0dB to GMIN 0.5 5 mV Bass control Fc Center frequency fC 90 100 110 Hz Q 1.3 1.5 1.7 CRANGE Control range ±13 ±14 ±15 dB ASTEP Step resolution 1 2 3 dB DCGAIN Bass-DC-gain DC = off -1 0 1 dB DC = on 3.5 4.4 5.5 dB Treble control CRANGE Clipping level ±13 ±14 ±15 dB ASTEP Step resolution 1 2 3 dB fc Center frequency fC1 10 12.5 15 kHz Speaker attenuators AMAX Max Attenuation -53 -50 -47 dB ASTEP Step Resolution 0.5 1 2 dB Audio outputs VCL Clipping level d = 0.3% 1.8 2 VRMS ROUT Output impedance 30 100 Ω RL Output load resistance 2 k Ω CL Output load capacitor 10 nF VDC DC voltage level 4.0 V General eNO Output noise BW=20Hz to 20 kHz all gain = 0dB 15 25 μV S/N Signal to noise ratio all gain = 0dB flat; Vo=2VRMS 100 dB D Distortion VIN=1VRMS; all stages 0dB 0.01 0.3 % SC Channel separation left/right 80 90 dB Table 5. Electrical characteristics (continued) VS = 8.5V; Tamb= 25°C; RL= 10kΩ; all gains = 0dB; f = 1kHz; unless otherwise specified Symbol Parameter Test Condition Min. Typ. Max. Unit |
同様の部品番号 - TDA7410NDTR |
|
同様の説明 - TDA7410NDTR |