データシートサーチシステム |
|
TC74VHC125FN データシート(PDF) 1 Page - Toshiba Semiconductor |
|
TC74VHC125FN データシート(HTML) 1 Page - Toshiba Semiconductor |
1 / 11 page TC74VHC125,126F/FN/FT/FK 2007-10-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74VHC125F,TC74VHC125FN,TC74VHC125FT,TC74VHC125FK TC74VHC126F,TC74VHC126FN,TC74VHC126FT,TC74VHC126FK TC74VHC125F/FN/FT/FK Quad Bus Buffer TC74VHC126F/FN/FT/FK Quad Bus Buffer The TC74VHC125/126 are high speed CMOS QUAD BUS BUFFERs fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent Bipolar Shottky TTL while maintaining the CMOS low power dissipation. The TC74VHC125 requires the 3-state control input G to be set high to place the output into the high impedance state, whereas the TC74VHC126 requires the control input G to be set low to place the output into high impedance. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages. Features • High speed: tpd = 3.8 ns (typ.) at VCC = 5 V • Low power dissipation: ICC = 4 μA (max) at Ta = 25°C • High noise immunity: VNIH = VNIL = 28% VCC (min) • Power down protection is provided on all inputs. • Balanced propagation delays: tpLH ∼− tpHL • Wide operating voltage range: VCC (opr) = 2 to 5.5 V • Low noise: VOLP = 0.8 V (max) • Pin and function compatible with 74ALS125/126 Weight SOP14-P-300-1.27A : 0.18 g (typ.) SOL14-P-150-1.27 : 0.12 g (typ.) TSSOP14-P-0044-0.65A : 0.06 g (typ.) VSSOP14-P-0030-0.50 : 0.02 g (typ.) Note: xxxFN (JEDEC SOP) is not available in Japan. TC74VHC125F, TC74VHC126F TC74VHC125FN, TC74VHC126FN TC74VHC125FT, TC74VHC126FT TC74VHC125FK, TC74VHC126FK |
同様の部品番号 - TC74VHC125FN |
|
同様の説明 - TC74VHC125FN |