データシートサーチシステム |
|
TC74VHC138F データシート(PDF) 5 Page - Toshiba Semiconductor |
|
TC74VHC138F データシート(HTML) 5 Page - Toshiba Semiconductor |
5 / 10 page TC74VHC138F/FN/FT/FK 2007-10-01 5 AC Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) CL (pF) Min Typ. Max Min Max Unit 15 ⎯ 8.2 11.4 1.0 13.5 3.3 ± 0.3 50 ⎯ 10.0 15.8 1.0 18.0 15 ⎯ 5.7 8.1 1.0 9.5 Propagation delay time (A, B, C- Y) tpLH tpHL ⎯ 5.0 ± 0.5 50 ⎯ 7.2 10.1 1.0 11.5 ns 15 ⎯ 8.1 12.8 1.0 15.0 3.3 ± 0.3 50 ⎯ 10.6 16.3 1.0 18.5 15 ⎯ 5.6 8.1 1.0 9.5 Propagation delay time (G1- Y) tpLH tpHL ⎯ 5.0 ± 0.5 50 ⎯ 7.1 10.1 1.0 11.5 ns 15 ⎯ 8.2 11.4 1.0 13.5 3.3 ± 0.3 50 ⎯ 10.7 14.9 1.0 17.0 15 ⎯ 5.8 8.1 1.0 9.5 Propagation delay time ( 2 G- Y) tpLH tpHL ⎯ 5.0 ± 0.5 50 ⎯ 7.3 10.1 1.0 11.5 ns Input capacitance CIN ⎯ ⎯ 4 10 ⎯ 10 pF Power dissipation capacitance CPD (Note) ⎯ 34 ⎯ ⎯ ⎯ pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD·VCC·fIN + ICC Input Equivalent Circuit INPUT |
同様の部品番号 - TC74VHC138F |
|
同様の説明 - TC74VHC138F |