データシートサーチシステム |
|
TC74VHC153FK データシート(PDF) 5 Page - Toshiba Semiconductor |
|
TC74VHC153FK データシート(HTML) 5 Page - Toshiba Semiconductor |
5 / 11 page TC74VHC153F/FN/FT/FK 2007-10-01 5 Electrical Characteristics DC Characteristics Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Min Typ. Max Min Max Unit High-level input voltage VIH ⎯ 2.0 3.0 to 5.5 1.50 VCC × 0.7 ⎯ ⎯ ⎯ ⎯ 1.50 VCC × 0.7 ⎯ ⎯ V Low-level input voltage VIL ⎯ 2.0 3.0 to 5.5 ⎯ ⎯ ⎯ ⎯ 0.50 VCC × 0.3 ⎯ ⎯ 0.50 VCC × 0.3 V IOH = −50 μA 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 ⎯ ⎯ ⎯ 1.9 2.9 4.4 ⎯ ⎯ ⎯ High-level output voltage VOH VIN = VIH or VIL IOH = −4 mA IOH = −8 mA 3.0 4.5 2.58 3.94 ⎯ ⎯ ⎯ ⎯ 2.48 3.80 ⎯ ⎯ V IOL = 50 μA 2.0 3.0 4.5 ⎯ ⎯ ⎯ 0.0 0.0 0.0 0.1 0.1 0.1 ⎯ ⎯ ⎯ 0.1 0.1 0.1 Low-level output voltage VOL VIN = VIH or VIL IOL = 4 mA IOL = 8 mA 3.0 4.5 ⎯ ⎯ ⎯ ⎯ 0.36 0.36 ⎯ ⎯ 0.44 0.44 V Input leakage current IIN VIN = 5.5 V or GND 0 to 5.5 ⎯ ⎯ ±0.1 ⎯ ±1.0 μA Quiescent supply current ICC VIN = VCC or GND 5.5 ⎯ ⎯ 4.0 ⎯ 40.0 μA AC Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) CL (pF) Min Typ. Max Min Max Unit 15 ⎯ 7.7 11.9 1.0 14.0 3.3 ± 0.3 50 ⎯ 10.2 15.4 1.0 17.5 15 ⎯ 5.0 7.7 1.0 9.0 Propagation delay time (Cn-Y) tpLH tpHL ⎯ 5.0 ± 0.5 50 ⎯ 6.5 9.7 1.0 11.0 ns 15 ⎯ 10.8 16.7 1.0 19.5 3.3 ± 0.3 50 ⎯ 13.3 20.2 1.0 23.0 15 ⎯ 6.8 9.9 1.0 11.5 Propagation delay time (A, B-Y) tpLH tpHL ⎯ 5.0 ± 0.5 50 ⎯ 8.3 11.9 1.0 13.5 ns 15 ⎯ 6.3 10.1 1.0 12.0 3.3 ± 0.3 50 ⎯ 8.8 13.6 1.0 15.5 15 ⎯ 4.4 6.4 1.0 7.5 Propagation delay time ( G -Y) tpLH tpHL ⎯ 5.0 ± 0.5 50 ⎯ 5.9 8.4 1.0 9.5 ns Input capacitance CIN ⎯ ⎯ 4 10 ⎯ 10 pF Power dissipation capacitance CPD (Note) ⎯ 20 ⎯ ⎯ ⎯ pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD·VCC·fIN + ICC |
同様の部品番号 - TC74VHC153FK |
|
同様の説明 - TC74VHC153FK |