データシートサーチシステム |
|
TC74VHC541FT データシート(PDF) 5 Page - Toshiba Semiconductor |
|
TC74VHC541FT データシート(HTML) 5 Page - Toshiba Semiconductor |
5 / 10 page TC74VHC540,541F/FT/FK 2007-10-01 5 AC Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) CL (pF) Min Typ. Max Min Max Unit 15 ― 4.8 7.0 1.0 8.5 3.3 ± 0.3 50 ― 7.3 10.5 1.0 12.0 15 ― 3.7 5.0 1.0 6.0 Propagation delay time (TC74VHC540) tpLH tpHL ― 5.0 ± 0.5 50 ― 5.2 7.0 1.0 8.0 ns 15 ― 5.0 7.0 1.0 8.5 3.3 ± 0.3 50 ― 7.5 10.5 1.0 12.0 15 ― 3.5 5.0 1.0 6.0 Propagation delay time (TC74VHC541) tpLH tpHL ― 5.0 ± 0.5 50 ― 5.0 7.0 1.0 8.0 ns 15 ― 6.8 10.5 1.0 12.5 3.3 ± 0.3 50 ― 9.3 14.0 1.0 16.0 15 ― 4.7 7.2 1.0 8.5 3-state output enable time tpZL tpZH RL = 1 kΩ 5.0 ± 0.5 50 ― 6.2 9.2 1.0 10.5 ns 3.3 ± 0.3 50 ― 11.2 15.4 1.0 17.5 3-state output disable time tpLZ tpHZ RL = 1 kΩ 5.0 ± 0.5 50 ― 6.0 8.8 1.0 10.0 ns 3.3 ± 0.3 50 ― ― 1.5 ― 1.5 Output to output skew tosHL tosLH (Note 1) 5.0 ± 0.5 50 ― ― 1.0 ― 1.0 ns Input capacitance CIN ― ― 4 10 ― 10 pF Output capacitance COUT ― ― 6 ― ― ― pF TC74VHC540 ― 17 ― ― ― Power dissipation capacitance (Note 2) CPD TC74VHC541 ― 18 ― ― ― pF Note 1: Parameter guaranteed by design. tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn| Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit) Noise Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Characteristics Symbol VCC (V) Typ. Limit Unit Quiet output maximum dynamic VOL VOLP CL = 50 pF 5.0 0.7 1.0 V Quiet output minimum dynamic VOL VOLV CL = 50 pF 5.0 −0.7 −1.0 V Minimum high level dynamic input voltage VIHD CL = 50 pF 5.0 ― 3.5 V Maximum low level dynamic input voltage VILD CL = 50 pF 5.0 ― 1.5 V |
同様の部品番号 - TC74VHC541FT |
|
同様の説明 - TC74VHC541FT |