データシートサーチシステム |
|
TC74VHCT14AFK データシート(PDF) 1 Page - Toshiba Semiconductor |
|
TC74VHCT14AFK データシート(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC74VHCT14AF/AFN/AFT/AFK 2007-10-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74VHCT14AF,TC74VHCT14AFN,TC74VHCT14AFT,TC74VHCT14AFK Hex Schmitt Inverter The TC74VHCT14A is an advanced high speed CMOS SCHMITT INVERTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. Pin configuration and function are the same as the TC74VHC04 but the inputs have hysteresis and with its schmitt trigger function, the TC74VHC14 can be used as a line receivers which will receive slow input signals. The input voltage are compatible with TTL output voltage. This device may be used as a level converter for interfacing 3.3 to 5 V system. Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (Note) pins without regard to the supply voltage. These structure prevents device destruction due to mismatched supply and input/output voltages such as battery back up, hot board insertion, etc. Note: VCC = 0 V Features • High speed: tpd = 5.0 ns (typ.) at VCC = 5 V • Low power dissipation: ICC = 2 μA (max) at Ta = 25°C • Compatible with TTL inputs : VIL = 0.8 V (max) VIH = 2.0 V (min) • Power down protection is provided on all inputs and outputs. • Balanced propagation delays: tpLH ∼− tpHL • Low noise: VOLP = 0.8 V (max) • Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 14 type. Weight SOP14-P-300-1.27A : 0.18 g (typ.) SOL14-P-150-1.27 : 0.12 g (typ.) TSSOP14-P-0044-0.65A : 0.06 g (typ.) VSSOP14-P-0030-0.50 : 0.02 g (typ.) Note: xxxFN (JEDEC SOP) is not available in Japan. TC74VHCT14AF TC74VHCT14AFN TC74VHCT14AFT TC74VHCT14AFK |
同様の部品番号 - TC74VHCT14AFK |
|
同様の説明 - TC74VHCT14AFK |