データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC75S57F データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC75S57F
部品情報  Single Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S57F データシート(HTML) 5 Page - Toshiba Semiconductor

  TC75S57F Datasheet HTML 1Page - Toshiba Semiconductor TC75S57F Datasheet HTML 2Page - Toshiba Semiconductor TC75S57F Datasheet HTML 3Page - Toshiba Semiconductor TC75S57F Datasheet HTML 4Page - Toshiba Semiconductor TC75S57F Datasheet HTML 5Page - Toshiba Semiconductor TC75S57F Datasheet HTML 6Page - Toshiba Semiconductor TC75S57F Datasheet HTML 7Page - Toshiba Semiconductor TC75S57F Datasheet HTML 8Page - Toshiba Semiconductor TC75S57F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC75S57F/FU/FE
2007-11-01
5
Sink current Isink (mA)
VOL – Isink
0.0
0
3.0
2.0
1.0
10
20
30
40
VDD = 3 V
VSS = GND
Ta
= 25°C
0.5
1.5
2.5
5
15
25
35
3.0
Source current Isource (mA)
VOH – Isource
5.0
0.0
4.0
VDD = 5 V
VSS = GND
Ta
= 25°C
0.5
1.0
1.5
2.0
2.5
3.5
4.5
0
10
20
30
40
5
15
25
35
Source current Isource (mA)
VOH – Isource
0.0
0
3.0
2.0
1.0
10
20
30
40
VDD = 3 V
VSS = GND
Ta
= 25°C
0.5
1.5
2.5
5
15
25
35
3.0
Sink current Isink (mA)
VOL – Isink
5.0
0.0
4.0
VDD = 5 V
VSS = GND
Ta
= 25°C
0.5
1.0
1.5
2.0
2.5
3.5
4.5
0
10
20
30
40
5
15
25
35
PD – Ta
300
Ambient temperature Ta (°C)
200
100
0
−40
0
40
80
120
This data was obtained from an unmounted
standalone IC. If the IC is mounted on a
PCB, its power dissipation will be greater.
Note that, depending on the PCB’s thermal
characteristics, the curves may differ
substantially from those shown.


同様の部品番号 - TC75S57F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC75S57F TOSHIBA-TC75S57F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
logo
List of Unclassifed Man...
TC75S57F ETC-TC75S57F Datasheet
320Kb / 28P
   General-Purpose Linear ICs
TC75S57FE ETC-TC75S57FE Datasheet
320Kb / 28P
   General-Purpose Linear ICs
TC75S57FU ETC-TC75S57FU Datasheet
320Kb / 28P
   General-Purpose Linear ICs
More results

同様の説明 - TC75S57F

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
logo
Toshiba Semiconductor
TC75S58F TOSHIBA-TC75S58F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Samsung semiconductor
KA311 SAMSUNG-KA311 Datasheet
92Kb / 4P
   SINGLE COMPARATOR
logo
First Silicon Co., Ltd
FA393SOT FS-FA393SOT Datasheet
343Kb / 3P
   Single Comparator
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
LM311 FAIRCHILD-LM311 Datasheet
99Kb / 10P
   Single Comparator
logo
Mitsubishi Electric Sem...
M5239L MITSUBISHI-M5239L Datasheet
80Kb / 3P
   SINGLE COMPARATOR
logo
New Japan Radio
NJM2406 NJRC-NJM2406 Datasheet
155Kb / 5P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311 Datasheet
99Kb / 10P
   Single Comparator
logo
Toshiba Semiconductor
TA7523AS TOSHIBA-TA7523AS Datasheet
239Kb / 7P
   SINGLE COMPARATOR
TC75S57F TOSHIBA-TC75S57F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com