データシートサーチシステム |
|
TC75S59FE データシート(PDF) 1 Page - Toshiba Semiconductor |
|
TC75S59FE データシート(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC75S59F/FU/FE 2007-11-01 1 TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic TC75S59F,TC75S59FU,TC75S59FE Single Comparator The TC75S59F/TC75S59FU/TC75S59FE is a CMOS general- purpose single comparator. The device can operate off a single power supply and draws a lower supply current than a conventional bipolar general-purpose comparator. This device’s open-drain output stage can be wire-ORed with those of other open-drain output circuits. Features • Low-current power supply : IDD = 100 μA (typ.) • Single power supply operation • Wide common mode input voltage range : VSS~VDD − 0.9 V • Open drain output circuit • Low input bias current • Small package Marking (top view) Pin Connection (top view) TC75S59F TC75S59FU TC75S59FE Weight SSOP5-P-0.95 : 0.014 g (typ.) SSOP5-P-0.65A : 0.006 g (typ.) SON5-P-0.50 : 0.003 g (typ.) T F 4 5 3 1 2 VDD 5 IN ( +) 4 1 3 VSS 2 OUT IN ( −) |
同様の部品番号 - TC75S59FE |
|
同様の説明 - TC75S59FE |