データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC9349AFG データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TC9349AFG
部品情報  Single-Chip DTS Microcontroller (DTS-21)
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9349AFG データシート(HTML) 5 Page - Toshiba Semiconductor

  TC9349AFG Datasheet HTML 1Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
TC9349AFG
2006-02-24
5
Description of Pin Functions
PIN No.
Symbol
Pin Name
Function and Operation
Remarks
64
Xin1
1
Xout1
Crystal oscillator pin
Crystal oscillator pins.
A reference 75 kHz crystal resonator is
connected to the Xin1 and Xout1 pins.
68
GND
2
VDD
Power-supply pins
Power supply pin for the crystal oscillator
and doubler circuit for the CPU (VDB).
Normally, VDD = 0.9 to 1.8 V is applied.
VDD potential is detected in the 0.850 V to
1.225 V range in 25 mV steps using the
decreased voltage detection circuit. If VDD
potential falls below the voltage being set,
the CPU can be stopped to prevent
incorrect operation.
Note: After reset, the voltage set for the
decreased voltage detection is VDD
= 0.85 V. CPU stop function is
enabled.
3
C1
4
C2
5
VDB
Doubler output pins for
CPU
Doubler output pins for CPU.
The doubler system is the charge-pump
system.
When a doubler clamp is permitted, a
voltage of 2.0 V, 2.5 V or 3.0 V can be
selected. A doubler clock can select either
one of 75 kHz, 37.5 kHz or high-speed
oscillator clock.
Usually, the VDB pin connected to the
capacitor for stabilization (0.1
µF, 10 µF
typ.) supplies voltage for the power supply
of the CPU only ( VCPU). The VDB potential
is supplied to the power supply of the A/D
converter, and a 1.5 V constant-voltage
circuit ( VEE).
The voltage is doubled by the doubler
capacitor between C1 and C2 (0.47
µF
typ.). When the doubler clamp is enabled,
the voltage is doubled below the voltage
being set.
Note: During reset or execution of the
clock stop instruction, the VDB pin is
set to VDD level. The LX pin is L
level for CMOS output, and at high
impedance for open-drain output.
Xout1
Xin1
Rout1
RfXT1
(Xin1, Xout1)
VDD
GND
VDD
VDB


同様の部品番号 - TC9349AFG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9301AN TOSHIBA-TC9301AN Datasheet
4Mb / 61P
   TC9301AN
TC9302AF TOSHIBA-TC9302AF Datasheet
3Mb / 42P
   DTS MICRO CONTROLLER CONTAINING LCD DRIVER
TC9304F TOSHIBA-TC9304F Datasheet
563Kb / 13P
   SINGLE CHIP DTS MICRO CONTROLLER WITH BUILT-IN PRESCALER.PLL.LCD DRIVER
TC9304F-011 TOSHIBA-TC9304F-011 Datasheet
200Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
TC9304F-027 TOSHIBA-TC9304F-027 Datasheet
129Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
More results

同様の説明 - TC9349AFG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com