データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD7623AFN データシート(PDF) 11 Page - Toshiba Semiconductor

部品番号 TD7623AFN
部品情報  3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7623AFN データシート(HTML) 11 Page - Toshiba Semiconductor

Back Button TD7623AFN Datasheet HTML 7Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 8Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 9Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 10Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 11Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 12Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 13Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 14Page - Toshiba Semiconductor TD7623AFN Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TD7623AFN
2001-03-01 11/19
b) READ mode (status request)
When READ mode is set, power-on reset operation status, phase comparator lock detector output status,
and 5-level A / D converter pin input voltage status are output to the master device.
Bit 1 (POR) indicates the power-on reset operation status. When the power supply of VCC1 stops, bit 1 is
set to [1] . The condition for reset to [0] , voltage supplied to VCC1 is 3 V or higher, transmission is
requested in READ mode, and the status is output. (when VCC1 is turned on, bit 1 is also set to [1] .)
Bit 2 (FL) indicates the phase comparator lock status. When locked, [1] is output ; when unlocked, [0]
is output.
Bit 6, 7 and 8 (A2, A1, A0) indicate the 5-level A / D converter status. The voltage applied to the A / D
converter input pin (pin 12) is output through a 5-level resolution.
For the voltage applied on the A / D converter input pin, 5-level resolution, and the output bits, see the
table.
(Ex : The AFT output voltage data can be given to the master device.)


同様の部品番号 - TD7623AFN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
More results

同様の説明 - TD7623AFN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7627FN TOSHIBA-TD7627FN_01 Datasheet
314Kb / 19P
   3-WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN_01 Datasheet
348Kb / 21P
   3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
   3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
   3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
logo
Siemens Semiconductor G...
TBB200 SIEMENS-TBB200 Datasheet
460Kb / 28P
   PLL-Frequency Synthesizer with I2C Bus
logo
NXP Semiconductors
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com