データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD7627FN データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TD7627FN
部品情報  3-WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7627FN データシート(HTML) 4 Page - Toshiba Semiconductor

  TD7627FN_01 Datasheet HTML 1Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 2Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 3Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 4Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 5Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 6Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 7Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 8Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TD7627FN
2001-03-01 4/19
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VCC1 = 5 V, VCC2 = 9 V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage 1
VCC1
4.5
5.0
5.5
V
Supply Current 1
ICC1
1
Bandswitch : OFF
Vt : OFF
24
32
40
mA
Supply Voltage 2
VCC2
VCC1
9.9
V
ICC2-1
Bandswitch : 1 Band ON
IBD = 20 mA (LOAD)
24
26
Supply Current 2
ICC2-2
1
Bandswitch : 2 Band ON
IBD = 30 mA (TOTAL LOAD)
38
42
mA
Bandswitch Drive Current
IBD
3
Maximum Drive Current / 1 port
20
mA
Bandswitch Drive Maximum LOAD
IBDMAX
3
Maximum Total Drive Current
40
mA
Bandswitch Drive Voltage Drop
VBD
Sat
3
IBD = 20 mA
0.2
0.4
V
X’tal Operating Range
OSCfin
3.2
4.5
MHz
X’tal Negative Resistance
OSCR
1
1.0
1.5
kΩ
X’tal External Input Level
OSCin
3.2 MHz~4.5 MHz, Rx = 91 kΩ
250
1000
mVp-p
Ratio Setting Range
N
15-bit counter
1024
32767
Ratio
Prescaler Input Sensitivity
VinRF
2
f = 500~2700 MHz
−15
+5
dBmW
Lock Output Low Voltage
VLkL
1
(lock mode, 3-wire bus mode)
0.4
V
Lock Output High Voltage
VLkH
1
(unlock mode, 3-wire bus
mode)
4.6
V
Logic Input Low Voltage
VBsL
1
Pins 13 to 15
−0.3
1.5
V
Logic Input High Voltage
VBsH
1
Pins 13 to 15
2.5
VCC1
+0.3
V
Logic Input Current (low)
IBsL
1
Pins 13 to 15
−20
10
Logic Input Current (high)
IBsH
1
Pins 13 to 15
−10
20
µA
BUS-SW Low Input Voltage
VBIL
1
0.0
0.8
BUS-SW High Input Voltage
VBIH
1
4.2
VCC1
V
BUS-SW Low Current (low)
IBIL
1
−200
BUS-SW Low Current (high)
IBIH
1
200
µA
CP = [0]
±150
±200
±300
Charge Pump Output Current
Ichg
2
CP = [1]
±600
±800
±1200
µA
ACK Output Voltage
VACK
1
ISINK = 3 mA (I
2
C-bus mode)
0.4
V


同様の部品番号 - TD7627FN_01

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
More results

同様の説明 - TD7627FN_01

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7623AFN TOSHIBA-TD7623AFN_01 Datasheet
307Kb / 19P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN_01 Datasheet
348Kb / 21P
   3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
   3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
   3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com