データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD7626FN データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TD7626FN
部品情報  2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7626FN データシート(HTML) 1 Page - Toshiba Semiconductor

  TD7626FN Datasheet HTML 1Page - Toshiba Semiconductor TD7626FN Datasheet HTML 2Page - Toshiba Semiconductor TD7626FN Datasheet HTML 3Page - Toshiba Semiconductor TD7626FN Datasheet HTML 4Page - Toshiba Semiconductor TD7626FN Datasheet HTML 5Page - Toshiba Semiconductor TD7626FN Datasheet HTML 6Page - Toshiba Semiconductor TD7626FN Datasheet HTML 7Page - Toshiba Semiconductor TD7626FN Datasheet HTML 8Page - Toshiba Semiconductor TD7626FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TD7626F,TD7626FN
2001-03-01 1/14
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT
SILICON MONOLITHIC
TD7626F,TD7626FN
2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD7626F and TD7626FN are single-chip frequency synthesizer
ICs that can be combined with a µCPU to configure an
advanced-function frequency synthesizer system.
TD7626FN comes in a more compact package, pitch 0.65mm.
FEATURES
= High input sensitivity
fin = 0.5~2.7GHz : −15dBmW (50Ω) (Min.)
= Built-in 1 / 16 prescaler
= Built-in 5-level AD converter
= Built-in simple comparators×3
= Simple control bus (I2C bus)
= Four-address selectable by address selector
= Frequency divider ratio settings :
1 / 512, 1 / 1024
= Built-in power-on reset circuit
= Small flat package version
: TD7626F
: SOP16 (1.27mm pitch)
TD7626FN
: SSOP16 (0.65mm pitch)
Note:
These devices are easy to be damaged by high static
voltage or electric fields.
In regards to this, please handle with care
.
= Status after power-on reset
Band drive P7~P0
: OFF
Tuning amp
: ON
Tuning voltage output (Vt)
: Low level
Charge pump output current
: 50µA
Reference frequency divider ratio : 1 / 512
Weight
SOP16-P-225-1.27
: 0.16g (Typ.)
SSOP16-P-225-0.65B
: 0.07g (Typ.)
TENTATIVE
· TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
· The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
· The products described in this document are subject to the foreign exchange and foreign trade laws.
· The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
· The information contained herein is subject to change without notice.
000707EBA1


同様の部品番号 - TD7626FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD7626FN TOSHIBA-TD7626FN Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
More results

同様の説明 - TD7626FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
TEMIC Semiconductors
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
   Frequency Synthesizer for TV Tuner
logo
Toshiba Semiconductor
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
   Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Mitsubishi Electric Sem...
M64895BFP MITSUBISHI-M64895BFP Datasheet
50Kb / 6P
   PC BUS FREQUENCY SYNTHESIZER FOR TV/VCR
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com