データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD62002AF データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TD62002AF
部品情報  7-channel Darlington Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002AF データシート(HTML) 6 Page - Toshiba Semiconductor

Back Button TD62002AF Datasheet HTML 2Page - Toshiba Semiconductor TD62002AF Datasheet HTML 3Page - Toshiba Semiconductor TD62002AF Datasheet HTML 4Page - Toshiba Semiconductor TD62002AF Datasheet HTML 5Page - Toshiba Semiconductor TD62002AF Datasheet HTML 6Page - Toshiba Semiconductor TD62002AF Datasheet HTML 7Page - Toshiba Semiconductor TD62002AF Datasheet HTML 8Page - Toshiba Semiconductor TD62002AF Datasheet HTML 9Page - Toshiba Semiconductor TD62002AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TD62001~004AP/AF
2006-06-13
6
8. tON, tOFF
Note 1: Pulse width 50 µs, duty cycle 10%
Output impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: Input conditions are shown as following:
Input Condition
Type Number
R1
VIH
TD62001AP/AF
2.7 k
3 V
TD62002AP/AF
0
13 V
TD62003AP/AF
0
3 V
TD62004AP/AF
0
8 V
Note 3: CL includes probe and jig capacitance.
Precautions for Using
This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short−circuit between outputs, air contamination fault, or fault by improper grounding.


同様の部品番号 - TD62002AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62002AF TOSHIBA-TD62002AF Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62002AF TOSHIBA-TD62002AF Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62002AFG TOSHIBA-TD62002AFG Datasheet
329Kb / 13P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62002AFG TOSHIBA-TD62002AFG Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
More results

同様の説明 - TD62002AF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
   7-ch Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
   7-CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
   7-ch Darlington Sink Driver
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com