データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD62501PFG データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TD62501PFG
部品情報  7ch Single Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62501PFG データシート(HTML) 3 Page - Toshiba Semiconductor

  TD62501PFG Datasheet HTML 1Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 2Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 3Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 4Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 5Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 6Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 7Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 8Page - Toshiba Semiconductor TD62501PFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TD62501~507PG/FG
2006-06-14
3
Schematics (Each driver)
TD62505PG/FG
TD62506PG/FG
TD62507PG/FG
∗: Parasitic diodes
Note: The input and output parasitic diodes cannot be used as clamp diodes.
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Collector-emitter voltage
VCEO
35
V
Collector-base voltage
VCBO
50
V
Collector current
IC
200
mA/ch
VIN (Note 1)
−0.5 to 45
Input voltage
VIN (Note 2)
−0.5 to 30
V
Input current
IIN (Note 3)
25
mA
Isolation voltage
VSUB
35
V
PG
1.0
Power dissipation
FG
PD
0.625 (Note 4)
W
Operating temperature
Topr
−40 to 85
°C
Storage temperature
Tstg
−55 to 150
°C
Note 1: TD62506PG/FG
Note 2: TD62502PG/FG, TD62503PG/FG, TD62504PG/FG
Note 3: TD62501PG/FG, TD62505PG/FG, TD62507PG/FG
Note 4: On Glass Epoxy PCB (30
× 30 × 1.6 mm Cu 50%)
(*)
(*)
(*)
(*)
(*)
(*)
Input
Common
collector
SUB
Output
2.7 k
(*)
(*)
GND (SUB)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
(*)
Common
collector
SUB
Output
(*)
(*)
(*)
(*)
(*)
(*)


同様の部品番号 - TD62501PFG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62501P TOSHIBA-TD62501P Datasheet
339Kb / 9P
   7 SINGLE DRIVER
More results

同様の説明 - TD62501PFG

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62502FN TOSHIBA-TD62502FN Datasheet
211Kb / 5P
   7ch SINGLE DRIVER(COMMON EMITTER)
TD62503PA TOSHIBA-TD62503PA Datasheet
192Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62504P-H TOSHIBA-TD62504P-H Datasheet
200Kb / 5P
   7CH SINGLE DRIVER : COMMON DMITTRER
TD62502FNG TOSHIBA-TD62502FNG Datasheet
144Kb / 8P
   7ch Single Driver: Common Emitter
TD62503FB TOSHIBA-TD62503FB Datasheet
194Kb / 5P
   7CH SINGLE DRIVER : COMMON EMITTER
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
logo
Rohm
BD6757KN ROHM-BD6757KN Datasheet
232Kb / 6P
   7ch Stepping Motor Driver
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com