データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26LV31C データシート(PDF) 1 Page - Texas Instruments

部品番号 AM26LV31C
部品情報  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31C データシート(HTML) 1 Page - Texas Instruments

  AM26LV31C Datasheet HTML 1Page - Texas Instruments AM26LV31C Datasheet HTML 2Page - Texas Instruments AM26LV31C Datasheet HTML 3Page - Texas Instruments AM26LV31C Datasheet HTML 4Page - Texas Instruments AM26LV31C Datasheet HTML 5Page - Texas Instruments AM26LV31C Datasheet HTML 6Page - Texas Instruments AM26LV31C Datasheet HTML 7Page - Texas Instruments AM26LV31C Datasheet HTML 8Page - Texas Instruments AM26LV31C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
D OR NS PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
AM26LV31C, AM26LV31I
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS201G – MAY 1995 – REVISED MAY 2005
Switching Rates up to 32 MHz
Operate From a Single 3.3-V Supply
Propagation Delay Time . . . 8 ns Typ
Pulse Skew Time . . . 500 ps Typ
High Output-Drive Current . . .
±30 mA
Controlled Rise and Fall Times . . . 3 ns Typ
Differential Output Voltage With 100-
Load . . . 1.5 V Typ
Ultra-Low Power Dissipation
– dc, 0.3 mW Max
– 32 MHz All Channels (No Load), 385 mW Typ
Accept 5-V Logic Inputs With 3.3-V Supply
Low-Voltage Pin-to-Pin Compatible
Replacement for AM26C31, AM26LS31, MB571
High Output Impedance in Power-Off
Condition
Driver Output Short-Protection Circuit
Package Options Include Plastic
Small-Outline (D, NS) Packages
The AM26LV31C and AM26LV31I are BiCMOS quadruple differential line drivers with 3-state outputs. They are
designed to be similar to TIA/EIA-422-B and ITU Recommendation V.11 drivers with reduced supply-voltage
range.
The devices are optimized for balanced-bus transmission at switching rates up to 32 MHz. The outputs have very
high current capability for driving balanced lines such as twisted-pair transmission lines and provide a high
impedance in the power-off condition. The enable function is common to all four drivers and offers the choice of
active-high or active-low enable inputs. The AM26LV31C and AM26LV31I are designed using Texas Instruments
proprietary LinIMPACT-C60™ technology, facilitating ultra-low power consumption without sacrificing speed.
These devices offer optimum performance when used with the AM26LV32 quadruple line receivers.
The AM26LV31C is characterized for operation from 0
°C to 70°C. The AM26LV31I is characterized for operation
from –45
°C to 85°C
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
AM26LV31CD
SOIC – D
Tape and reel
AM26LV31C
AM26LV31CDR
0
°C to 70°C
AM26LV31CNS
SOIC – NS
Tape and reel
26LV31
AM26LV31CNSR
AM26LV31ID
SOIC – D
Tape and reel
AM26LV31I
AM26LV31IDR
–45
°C to 85°C
AM26LV31INS
SOIC – NS
Tape and reel
26LV31I
AM26LV31INSR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinIMPACT-C60 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - AM26LV31C

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CD TI-AM26LV31CD Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CD TI-AM26LV31CD Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CDE4 TI-AM26LV31CDE4 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

同様の説明 - AM26LV31C

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com