データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3106D1 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3106D1
部品情報  40-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3106D1 データシート(HTML) 4 Page - Texas Instruments

  TPA3106D1 Datasheet HTML 1Page - Texas Instruments TPA3106D1 Datasheet HTML 2Page - Texas Instruments TPA3106D1 Datasheet HTML 3Page - Texas Instruments TPA3106D1 Datasheet HTML 4Page - Texas Instruments TPA3106D1 Datasheet HTML 5Page - Texas Instruments TPA3106D1 Datasheet HTML 6Page - Texas Instruments TPA3106D1 Datasheet HTML 7Page - Texas Instruments TPA3106D1 Datasheet HTML 8Page - Texas Instruments TPA3106D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ti.com
AC CHARACTERISTICS
AC CHARACTERISTICS
TPA3106D1
SLOS516A – OCTOBER 2007 – REVISED NOVEMBER 2007
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MI
TYP
MAX
UNIT
N
200 mVPP ripple from 20 Hz–1 kHz,
KSVR
Supply ripple rejection
–88
dB
Gain = 20 dB, Inputs ac-coupled to AGND
THD+N = 7%, f = 1 kHz, VCC = 24 V
32
THD+N = 10%, f = 1 kHz, VCC = 24 V
40
PO
Continuous output power
THD+N < 7%, f = 1 kHz, VCC = 24 V, RL = 4 Ω, Thermally limited
25
by package
W
Total harmonic distortion +
0.2%
THD+N
f = 1 kHz, PO = 20 W (half-power)
noise
125
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Maximum output at THD+N < 1%, f = 1 kHz, Gain = 20 dB,
SNR
Signal-to-noise ratio
102
dB
A-weighted
Thermal trip point
150
°C
Thermal hysteresis
30
°C
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
200 mVPP ripple from 20 Hz–1 kHz,
KSVR
Supply ripple rejection
–88
dB
Gain = 20 dB, Inputs ac-coupled to AGND
THD+N = 7%, f = 1 kHz
8.7
THD+N = 10%, f = 1 kHz
9.2
PO
Continuous output power
W
THD+N = 7%, f = 1 kHz, RL = 4 Ω
15.6
THD+N = 10%, f = 1 kHz, RL = 4 Ω
16.4
RL = 8 Ω, f = 1 kHz, PO = 5 W
0.11%
THD+N
Total harmonic distortion + noise
RL = 4 Ω, f = 1 kHz, PO = 8 W
0.15%
100
µV
Vn
Output integrated noise
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dBV
Maximum output at THD+N < 1%, f = 1 kHz,
SNR
Signal-to-noise ratio
98
dB
Gain = 20 dB, A-weighted
Thermal trip point
150
°C
Thermal hysteresis
30
°C
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPA3106D1


同様の部品番号 - TPA3106D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3106D1 TI1-TPA3106D1 Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1VFP TI1-TPA3106D1VFP Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1VFPG4 TI1-TPA3106D1VFPG4 Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1VFPR TI1-TPA3106D1VFPR Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3106D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com