データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1203A データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1203A
部品情報  150 MHz RGB Video Amplifier System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1203A データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1203A Datasheet HTML 4Page - National Semiconductor (TI) LM1203A Datasheet HTML 5Page - National Semiconductor (TI) LM1203A Datasheet HTML 6Page - National Semiconductor (TI) LM1203A Datasheet HTML 7Page - National Semiconductor (TI) LM1203A Datasheet HTML 8Page - National Semiconductor (TI) LM1203A Datasheet HTML 9Page - National Semiconductor (TI) LM1203A Datasheet HTML 10Page - National Semiconductor (TI) LM1203A Datasheet HTML 11Page - National Semiconductor (TI) LM1203A Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Circuit Description (Continued)
For individual gain adjustment of each video channel a 51X
resistor in series with a 100X potentiometer should be used
with the red and green channel drive pins A 91X resistor
used with the blue channel drive pin sets the blue channel
amplifier gain at approximately 62 The 100X potentiometer
at the red and green channel drive pins allow a gain of 62
with g25% gain adjustment The video signal at the collec-
tor of Q12 is buffered and level shifted down by Q13 Q14
and Q15 to the base of the output emitter follower Q16 A
50X decoupling resistor is included in series with the emitter
of Q16 and the video output pin so as to prevent oscillations
when driving capacitive loads An external resistor should
be connected between the video output pin and ground
The value of this resistor should not be less than 390X or
else package power limitations may be exceeded under
worst case conditions (high supply voltage maximum cur-
rent maximum temperature) The collector current from the
video output transistor of each video channel is returned to
the power supply at VCC2 pin 23 When making power dissi-
pation calculations note that the data sheet specifies only
the VCC1 and VCC2 supply current at 12V supply voltage
with no pull down resistor at the output (ie RL e % see
test circuit
Figure 2 ) The IC power dissipation due to VCC2
is dependant upon the external video output pull down resis-
tor
TLH11441 – 9
FIGURE 5 Block Diagram of LM1203A Video Amplifier with Contrast and Black Level Control
http
www nationalcom
8


同様の部品番号 - LM1203A

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
More results

同様の説明 - LM1203A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com