データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM9503A データシート(PDF) 4 Page - Nippon Precision Circuits Inc

部品番号 SM9503A
部品情報  Radio Controlled Clock Receiver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9503A データシート(HTML) 4 Page - Nippon Precision Circuits Inc

  SM9503A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9503A Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM9503A
NIPPON PRECISION CIRCUITS INC.—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
−0.3 to VDD + 0.3
V
Power dissipation
PD
16-pin VSOP
150
mW
Storage temperature range
Tstg
16-pin VSOP
−55 to 125
°C
Chip form
−65 to 150
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
1.2 to 3.6
V
Operating temperature range
Topr
−20 to 70
°C


同様の部品番号 - SM9503A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9501AV NPC-SM9501AV Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
SM9501BV NPC-SM9501BV Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
More results

同様の説明 - SM9503A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM9501A NPC-SM9501A Datasheet
138Kb / 10P
   Radio Controlled Clock Receiver IC
SM9501B NPC-SM9501B Datasheet
123Kb / 8P
   Radio Controlled Clock Receiver IC
logo
Gunter Seniconductor Gm...
AK2124 GSG-AK2124 Datasheet
110Kb / 6P
   Radio Controlled Clock Receiver
AK2125 GSG-AK2125 Datasheet
109Kb / 6P
   Radio Controlled Clock Receiver
AK2127 GSG-AK2127 Datasheet
104Kb / 6P
   Radio Controlled Clock Receiver
logo
TEMIC Semiconductors
U4221B TEMIC-U4221B Datasheet
169Kb / 12P
   Radio Controlled Clock Receiver
U4222B TEMIC-U4222B Datasheet
95Kb / 9P
   Radio Controlled Clock Receiver
logo
List of Unclassifed Man...
D6002 ETC1-D6002 Datasheet
121Kb / 6P
   RADIO CONTROLLED RECEIVER IC
logo
PREMO CORPORATION S.L
RCA-SMD PREMO-RCA-SMD_14 Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
RCA-SMD PREMO-RCA-SMD Datasheet
232Kb / 4P
   Radio Clock Receiver Antenna SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com