データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP113 データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TLP113
部品情報  Photo−IC Isolated Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP113 データシート(HTML) 5 Page - Toshiba Semiconductor

  TLP113_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP113_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP113
2007-10-01
5
Test Circuit 1: Switching Time Test Circuit
CL is approximately 15pF which includes probe and stray wiring capacitance.
Test Circuit 2: Common Mode Transient Immunity Test Circuit
s)
μ
(
f
t
160(V)
=
L
s)
μ
(
r
t
160(V)
=
Η
,
CL is approximately 15pF which includes probe and stray wiring capacitance.
16mA
8mA
0mA
5V
4.5V
1.5V
0.5V
VOL
tpLH
tpHL
tf
tr
VO
IF
VO
Output
monitor
VCC = 5V
VCC
GND
CL
Pulse input
PW = 100μs
Duty ratio = 1 / 10
IF monitor
200V
90%
0V
5V
2V
0.8V
VOL
tr
tf
VO
VCM
VO
Output
monitor
VCC = 5V
VCC
GND
CL
Pulse gen
ZO = 50Ω
VCM
IF
10%
VO
(IF = 10mA)
(IF = 0mA)


同様の部品番号 - TLP113_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
More results

同様の説明 - TLP113_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP115 TOSHIBA-TLP115_07 Datasheet
203Kb / 8P
   Photo−IC High Speed, Long Distance Isolated Line Receiver
TLP115A TOSHIBA-TLP115A_07 Datasheet
208Kb / 8P
   Photo-IC High Speed, Long Distance Isolated Line Receiver
TPS830F TOSHIBA-TPS830F Datasheet
222Kb / 6P
   Si Monolithic Photo−IC
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
TLP2631 TOSHIBA-TLP2631_07 Datasheet
202Kb / 8P
   Isolated Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7601 AVAGO-HCPL-7601 Datasheet
184Kb / 13P
   Isolated line receiver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com