データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1203B データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1203B
部品情報  100 MHz RGB Video Amplifier System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1203B データシート(HTML) 2 Page - National Semiconductor (TI)

  LM1203B Datasheet HTML 1Page - National Semiconductor (TI) LM1203B Datasheet HTML 2Page - National Semiconductor (TI) LM1203B Datasheet HTML 3Page - National Semiconductor (TI) LM1203B Datasheet HTML 4Page - National Semiconductor (TI) LM1203B Datasheet HTML 5Page - National Semiconductor (TI) LM1203B Datasheet HTML 6Page - National Semiconductor (TI) LM1203B Datasheet HTML 7Page - National Semiconductor (TI) LM1203B Datasheet HTML 8Page - National Semiconductor (TI) LM1203B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
Pins 1 13 23 28 (Note 3)
135V
Peak Video Output Source Current
(Any 1A) Pins 15 20 or 25
28 mA
Voltage at Any Input Pin (VIN)VCC t VIN t GND
Power Dissipation (PD)
(Above 25 C Derate
Based on iJA and TJ)
25W
Thermal Resistance (iJA)
50 CW
Junction Temperature (TJ)
150 C
ESD Susceptibility (Note 4)
20 kV
Storage Temperature
b
65 Cto a150 C
Lead Temperature
(Soldering 10 seconds)
265 C
Operating Ratings (Note 2)
Temperature Range
b
20 Cto a80 C
Supply Voltage (VCC)
108V s VCC s 132V
DC Electrical Characteristics See Test Circuit(Figure 2) TA e 25 C VCC1 e VCC2 e 12V S17 21 26
Open V12 e 6V V14 e 0V V15 e 20V unless otherwise stated
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 5)
(Note 6)
IS
Supply Current
VCC1 a VCC2 RL e %
70
95
mA(max)
(Note 7)
V11
Video Input Reference Voltage
28
25
V(min)
31
V(max)
Ib
Video Input Bias Current
Any One Amplifier
7
20
m
A(max)
V14l
Clamp Gate Low Input Voltage
Clamp Comparators On
12
08
V(max)
V14h
Clamp Gate High Input Voltage
Clamp Comparators Off
16
20
V(min)
I14l
Clamp Gate Low Input Current
V14 e 0V
b
1
b
50
m
A(max)
I14h
Clamp Gate High Input Current
V14 e 12V
007
02
m
A(max)
Iclampa
Clamp Cap Charge Current
V5 8 or 10 e 0V
750
500
m
A(min)
Iclampb
Clamp Cap Discharge Current
V5 8 or 10 e 5V
b
750
500
m
A(min)
VOL
Video Output Low Voltage
V5 8 or 10 e 0V
015
05
V(max)
VOH
Video Output High Voltage
V5 8 or 10 e 5V
75
7
V(min)
D
VO(2V)
Video Output Offset Voltage
Between Any Two
2
g
25
mV(max)
Amplifiers V15 e 2V
D
VO(4V)
Video Output Offset Voltage
Between Any Two
2
g
25
mV(max)
Amplifiers V15 e 4V
http
www nationalcom
2


同様の部品番号 - LM1203B

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
More results

同様の説明 - LM1203B

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com