データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1203B データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1203B
部品情報  100 MHz RGB Video Amplifier System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1203B データシート(HTML) 1 Page - National Semiconductor (TI)

  LM1203B Datasheet HTML 1Page - National Semiconductor (TI) LM1203B Datasheet HTML 2Page - National Semiconductor (TI) LM1203B Datasheet HTML 3Page - National Semiconductor (TI) LM1203B Datasheet HTML 4Page - National Semiconductor (TI) LM1203B Datasheet HTML 5Page - National Semiconductor (TI) LM1203B Datasheet HTML 6Page - National Semiconductor (TI) LM1203B Datasheet HTML 7Page - National Semiconductor (TI) LM1203B Datasheet HTML 8Page - National Semiconductor (TI) LM1203B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLH11489
January 1996
LM1203B
100 MHz RGB Video Amplifier System
General Description
The LM1203B is an improved version of the popular
LM1203 wideband video amplifier system The device is in-
tended for high resolution RGB CRT monitors In addition to
three matched video amplifiers the LM1203B contains
three gated differential input black level clamp comparators
for brightness control and three matched attenuator circuits
for contrast control Each video amplifier contains a gain set
or ‘‘Drive’’ node for setting maximum system gain or provid-
ing gain trim capability for white balance The LM1203B also
contains a voltage reference for the video inputs The
LM1203B is pin and function compatible with the LM1203
Applications
Y
High resolution RGB CRT monitors
Y
Video AGC amplifiers
Y
Wideband amplifiers with gain and DC offset controls
Features
Y
Three wideband video amplifiers (100 MHz
b
3 dB)
Y
Matched (g01 dB or 12%) attenuators for
contrast control
Y
Three externally gated comparators for
brightness control
Y
Provisions for individual gain control (Drive) of each
video amplifier
Y
Video input voltage reference
Y
Low impedance output driver
Y
Stable on a single sided board
Improvements over LM1203
Y
100 MHz vs 70 MHz bandwidth
Y
VOUT low
015V vs 09V
Y
tr tf
37 ns vs 5 ns
Y
Built in power down spot killer
Block and Connection Diagrams
28-Lead Molded DIP
TLH11489 – 1
Order Number LM1203BN
See NS Package Number N28B
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


同様の部品番号 - LM1203B

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
logo
National Semiconductor ...
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
More results

同様の説明 - LM1203B

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com