データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STG3482QTR データシート(PDF) 9 Page - STMicroelectronics

部品番号 STG3482QTR
部品情報  Low voltage dual SP4T switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3482QTR データシート(HTML) 9 Page - STMicroelectronics

Back Button STG3482QTR Datasheet HTML 5Page - STMicroelectronics STG3482QTR Datasheet HTML 6Page - STMicroelectronics STG3482QTR Datasheet HTML 7Page - STMicroelectronics STG3482QTR Datasheet HTML 8Page - STMicroelectronics STG3482QTR Datasheet HTML 9Page - STMicroelectronics STG3482QTR Datasheet HTML 10Page - STMicroelectronics STG3482QTR Datasheet HTML 11Page - STMicroelectronics STG3482QTR Datasheet HTML 12Page - STMicroelectronics STG3482QTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
STG3482
Electrical characteristics
9/14
Table 8.
Analog switch characteristics (CL = 5pF, RL = 50Ω, TA = 25°C)
Symbol
Parameter
Test conditions
Value
Unit
Vcc
(V)
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
OIRR
OFF Isolation (1)
1.65
−− 4.3
VS = 1VRMS, f = 1 MHz
Signal = 0 dBm
-75
dB
VS = 1VRMS, f = 10 MHz
Signal = 0 dBm
-58
Xtalk
Crosstalk
1.65
−− 4.3
VS = 1VRMS, f = 1 MHz
Signal = 0 dBm
-77
dB
VS = 1VRMS, f = 10 MHz
Signal = 0 dBm
-60
THD
Total harmonic
distortion
3.7
f = 20 Hz to 20 kHz
RL = 32 Ω, CL=50 Ω
VIN = 2.8 VP-P
VDC = VCC/2
0.01
0.02
%
PSRR
Power supply
rejection ratio
3.7
f = 217 Hz,
RL = 32 Ω, CL = 50 Ω
Vripple = 150 mV
VDC = VCC/2
-60
dB
BW
-3dB bandwidth
3.0
−− 4.3
RL = 50 Ω
Bias = 1 V
300
MHz
DG
Differential gain
3.0
−− 4.3 RL = 150 Ω
0.64
%
DP
Differential phase
3.0
−− 4.3 RL = 150 Ω
0.1
deg
CIN
Control pin input
capacitance
VCC = 0 V
1.5
pF
CON
Sn port
capacitance when
switch is enabled
3.3
f = 1 MHz
6.7
COFF
Sn port
capacitance when
switch is disabled
3.3
f = 1 MHz
2.8
1.
Off Isolation = 20Log10 (VD/VS), VD = output. VS = input to off switch.


同様の部品番号 - STG3482QTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3155DTR STMICROELECTRONICS-STG3155DTR Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
   Low voltage low on-resistance SPDT switch with break-before-make feature
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
   LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
More results

同様の説明 - STG3482QTR

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142M2N12 INFINEON-BGSA142M2N12 Datasheet
381Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142GN12 INFINEON-BGSA142GN12 Datasheet
394Kb / 2P
   High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
logo
Pasternack Enterprises,...
PE71S6127 PASTERNACK-PE71S6127 Datasheet
439Kb / 4P
   SP4T Switch
logo
RF Micro Devices
RF1147 RFMD-RF1147 Datasheet
588Kb / 9P
   BROADBAND LOW POWER SP4T SWITCH
logo
Pasternack Enterprises,...
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
   SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
   SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
   SP4T Switch
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
   Switch SP4T
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
   SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com