データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5213CU5 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS5213CU5
部品情報  80mA Low Noise LDO Voltage Regulator with Enable Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213CU5 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5213CU5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213CU5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213CU5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213CU5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213CU5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213CU5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213CU5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213CU5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS5213
80mA Low Noise LDO Voltage Regulator
with Enable Function
2/8
Version: B07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Enable Input Voltage
VCE
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
SOT-25
220
Thermal Resistance
SOT-353
ӨJA
450
oC/W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Recommend Operating Rating (Note 2)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
+2.5 ~ +16
V
Enable Input Voltage
VCE
0 ~ VIN
V
Electrical Specification (VIN=Vo+1V, Io=1mA, COUT=0.47uF, VEN≥2V, TJ = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
VIN=Vo + 1V
-3
--
3
Output Voltage
-40ºC ≤ TJ ≤ +125ºC
-4
--
4
%
Output Voltage Temp. Coefficient
(Note 5)
--
50
200
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 16V
--
0.008
0.3
%
Load Regulation (Note 6)
0.1mA ≤ Io ≤ 80mA
--
0.08
0.3
%
Io=100uA
--
20
--
Io=20mA
--
200
250
Io=50mA
--
250
--
Dropout Voltage (Note 7)
Io=80mA
--
280
600
mV
Quiescent Current
VEN ≤0.4V (shutdown)
--
0.01
10
uA
Io=100uA
--
80
--
Io=20mA
--
225
750
Io=50mA
--
850
--
Ground Pin Current (Note 8)
VEN≥2V
(avtive)
Io=80mA
--
1800
3000
uA
Output Current Limit
VOUT =0V
--
180
250
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
65
--
dB
Thermal Regulation (Note 9)
--
0.05
--
%/W
Enable function
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.6
V
Enable Input Logic-High Voltage
Regulation enable
2.0
--
--
V
VIL≤ 0.6V
--
0.01
1
Enable Input Current
VIH≥ 2.0V
--
15
50
uA


同様の部品番号 - TS5213CU5

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5213CU5RF TSC-TS5213CU5RF Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
More results

同様の説明 - TS5213CU5

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
   80mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
   150mA Low Noise LDO Voltage Regulator with Enable Function
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com