データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS7800B データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS7800B
部品情報  3-Terminal Fixed Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7800B データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS7800B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7800B Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS7800B Series
3-Terminal Fixed Positive Voltage Regulator
5/12
Version: A07
TS7815B Electrical Characteristics
Vin=23V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
14.42
15
15.60
Output voltage
Vout
17.5V≤Vin≤30V,
10mA≤Iout≤1.5A, PD ≤15W
14.28
15
15.75
V
17.5V≤Vin≤30V
--
12
300
Line Regulation
REGline
Tj=25
oC
18V≤Vin≤22V
--
3
150
10mA≤Iout≤1.5A
--
12
300
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
150
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4.3
8
17.5V≤Vin≤30V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
90
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 18V≤Vin≤28V
54
70
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
19
--
Output Short Circuit Current
Ios
Tj=25
oC
--
230
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
TS7818B Electrical Characteristics
(Vin=24V, Iout=500mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
17.30
18
18.72
Output Voltage
Vout
21V≤Vin≤33V,
10mA≤Iout≤1.5A, PD ≤15W
17.14
18
18.90
V
21V≤Vin≤33V
--
15
360
Line Regulation
REGline
Tj=25
oC
22V≤Vin≤26V
--
5
180
10mA≤Iout≤1.5A
--
12
360
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤750mA
--
4
180
mV
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
4.5
8
21V≤Vin≤33V
--
--
1
Quiescent Current Change
ΔIq
10mA≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
110
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 21V≤Vin≤31V
54
70
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
22
--
Output Short Circuit Current
Ios
Tj=25
oC
--
200
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
2.2
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=10mA, 0
oC≤Tj≤125oC
--
-1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


同様の部品番号 - TS7800B

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
366Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B_1 Datasheet
366Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
More results

同様の説明 - TS7800B

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com