データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS9010 データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS9010
部品情報  150mA CMOS LDO with Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9010 データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9010_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9010_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9010_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9010_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9010_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9010_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS9010 Series
150mA CMOS LDO with Enable
3/6
Version: A07
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Unit
Enable Input
Enable Input Logic-Low Voltage
Regulation shutdown
--
--
0.25
V
Enable Input Logic-High Voltage
Regulation enable
1.5
--
--
V
Vce=Vin
--
--
1
Enable Input Current
Vce=Gnd
0.2
0.05
0
uA
Notes:
a. Exceeding the absolute maximum rating may damage the device.
b. The device is not guaranteed to function outside its operating rating.
c. The maximum allowable power dissipation at any Ta is Pd(max) = [ Tj(max) - Ta] * Өja. Exceeding the maximum
allow able power dissipation will result in excessive die temperature, and the regulator will go into thermal
shutdown.
d. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
e. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for
load regulation in the load range from 1mA to 150mA(Vout>2.5V) and 1mA to 80mA(Vout<2.5V).
Changes in output voltage due to heating effects are covered by the thermal regulation specification.
f. Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
g. Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn
from the supply is the sum of the load current plus the ground pin current.
h. Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 150mA load pulse at Vin=12V for t=10mS.


同様の部品番号 - TS9010_07

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
   150mA CMOS LDO with Enable
More results

同様の説明 - TS9010_07

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
   150mA CMOS LDO with Enable
logo
Bookly Micro electronic
BM9209 BOOKLY-BM9209 Datasheet
197Kb / 9P
   CMOS LDO WITH ENABLE
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com