データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC125 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 74AC125
部品情報  Quad Buffer with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC125 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button 74AC125_08 Datasheet HTML 2Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 3Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 4Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 5Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 6Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 7Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 8Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 9Page - Fairchild Semiconductor 74AC125_08 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC125, 74ACT125 Rev. 1.4.1
9
Physical Dimensions (Continued)
Figure 4. 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
14
8
7
1
NOTES: UNLESS OTHERWISE SPECIFIED
A)
THIS PACKAGE CONFORMS TO
JEDEC MS-001 VARIATION BA
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C)
DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH, AND TIE BAR EXTRUSIONS.
D) DIMENSIONS AND TOLERANCES PER
ASME Y14.5-1994
E) DRAWING FILE NAME: MKT-N14AREV7
6.60
6.09
8.12
7.62
0.35
0.20
19.56
18.80
3.56
3.30
5.33 MAX
0.38 MIN
1.77
1.14
0.58
0.35
2.54
3.81
3.17
8.82
(1.74)


同様の部品番号 - 74AC125_08

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74AC125B STMICROELECTRONICS-74AC125B Datasheet
170Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
logo
National Semiconductor ...
74AC125DCQB NSC-74AC125DCQB Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
74AC125DCQR NSC-74AC125DCQR Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
74AC125DCX NSC-74AC125DCX Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
74AC125DMQB NSC-74AC125DMQB Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
More results

同様の説明 - 74AC125_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com