データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2101 データシート(PDF) 10 Page - Texas Instruments

部品番号 TSC2101
部品情報  AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TSC2101 データシート(HTML) 10 Page - Texas Instruments

Back Button TSC2101_08 Datasheet HTML 6Page - Texas Instruments TSC2101_08 Datasheet HTML 7Page - Texas Instruments TSC2101_08 Datasheet HTML 8Page - Texas Instruments TSC2101_08 Datasheet HTML 9Page - Texas Instruments TSC2101_08 Datasheet HTML 10Page - Texas Instruments TSC2101_08 Datasheet HTML 11Page - Texas Instruments TSC2101_08 Datasheet HTML 12Page - Texas Instruments TSC2101_08 Datasheet HTML 13Page - Texas Instruments TSC2101_08 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
TSC2101
SLAS392D− JUNE 2003 − REVISED MAY 2005
www.ti.com
10
SPI TIMING DIAGRAM
ttd
S
S
S
S
S
S
S
E
L
ta
MSB OUT
BIT 6 .. .1
LSB OUT
tsck
tLead
tLag
twsck
twsck
tr
tf
tv
tho
tdis
MSB IN
BIT 6 .. .1
LSB IN
thi
tsu
/SS
SPISELZ
SCLK
SPISELZ
SPICLK
MISO
SPISELZ
MOSI
SPISELZ
TYPICAL TIMING REQUIREMENTS
All specifications typical at 25°C, DVDD = 1.8 V(1)
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
twsck
SCLK Pulse width
30
18
ns
tLead
Enable Lead Time
18
15
ns
tLag
Enable Lag Time
18
15
ns
ttd
Sequential Transfer Delay
18
15
ns
ta
Slave MISO access time
18
15
ns
tdis
Slave MISO disable time
18
15
ns
tsu
MOSI data setup time
6
6
ns
thi
MOSI data hold time
6
6
ns
tho
MISO data hold time
4
4
ns
tv
MISO data valid time
25
13
ns
tr
Rise Time
6
4
ns
tf
Fall Time
6
4
ns
(1) These parameters are based on characterization and are not tested in production.


同様の部品番号 - TSC2101_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

同様の説明 - TSC2101_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com