データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS432BITB0 データシート(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS432BITB0
部品情報  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432BITB0 データシート(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS432BITB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS432BITB0 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS432I
Adjustable Precision Shunt Regulator
9/12
Version: A07
TO-92 Mechanical Drawing
Marking Diagram
X = Tolerance Code
(A = ±1%, B = ±0.5%, Blank = ±2%,)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L = Lot Code
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017


同様の部品番号 - TS432BITB0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS432BIXRF TSC-TS432BIXRF Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
TS432BIXRFG TSC-TS432BIXRFG Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
TS432BIXRK TSC-TS432BIXRK Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
TS432BIXRKG TSC-TS432BIXRKG Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
More results

同様の説明 - TS432BITB0

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com