データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1085CZXXC0 データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1085CZXXC0
部品情報  3A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1085CZXXC0 データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1085CZXXC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1085CZXXC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1085CZXXC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1085CZXXC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1085CZXXC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1085CZXXC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1085CZXXC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1085CZXXC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS1085
3A Low Dropout Positive Voltage Regulator
6/8
Version: A07
TO-263 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CM = TO-263)
TO-263 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
14.605
15.875
0.575
0.625
C
0.508
0.991
0.020
0.039
D
2.420
2.660
0.095
0.105
E
4.064
4.830
0.160
0.190
F
1.118
1.400
0.045
0.055
G
0.450
0.730
0.018
0.029
H
8.280
8.800
0.325
0.346
I
1.140
1.400
0.044
0.055
J
1.480
1.520
0.058
0.060


同様の部品番号 - TS1085CZXXC0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1085CZ-2.5 TSC-TS1085CZ-2.5 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
TS1085CZ-3.3 TSC-TS1085CZ-3.3 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
TS1085CZ-5.0 TSC-TS1085CZ-5.0 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
TS1085CZC0 TSC-TS1085CZC0 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085CZC0 TSC-TS1085CZC0 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1085CZXXC0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com