データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1581CZ5XXC0 データシート(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1581CZ5XXC0
部品情報  5A Dual Input LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1581CZ5XXC0 データシート(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS1581CZ5XXC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1581CZ5XXC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS1581
5A Dual Input LDO
7/9
Version: A07
TO-220-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XXX = Voltage Code
(1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CZ5 = TO-220-5L)
TO-220-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.00
10.50
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
0.260
1.020
0.010
0.040
E
1.570
1.830
0.062
0.072
F
13.31
14.13
0.524
0.556
G
4.475
5.225
0.176
0.206
H
1.170
1.370
0.046
0.054
I
27.60
29.44
1.087
1.159
J
2.175
2.925
0.086
0.115
K
0.297
0.477
0.012
0.019
L
8.280
8.800
0.326
0.346
M
6.010
6.510
0.237
0.256
N
14.29
15.31
0.563
0.603


同様の部品番号 - TS1581CZ5XXC0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1581CZ5 TSC-TS1581CZ5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ52.5 TSC-TS1581CZ52.5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ525 TSC-TS1581CZ525 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ53.3 TSC-TS1581CZ53.3 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CZ533 TSC-TS1581CZ533 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1581CZ5XXC0

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500_07 Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
   5A LDO VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com