データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1581CM5XXRN データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1581CM5XXRN
部品情報  5A Dual Input LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1581CM5XXRN データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1581CM5XXRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1581CM5XXRN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS1581
5A Dual Input LDO
5/9
Version: A07
Application Information (Continue)
Stability
The circuit design used in the TS1581 Series requires the use of an output capacitor as part of the device frequency
compensation. The addition of 150uF aluminum electrolytic or a 22uF solid tantalum on the output will ensure stability
for all operating conditions. In order to meet the transient performance of the processor larger value capacitors are
needed. To limit the high frequency noise generated by the processor high quality bypass capacitors must be used. In
order to limit parasitic inductance (ESL) and resistance (ESR) in capacitors to acceptable limits, multiple small ceramic
capacitors in addition to high quality solid tantalum capacitors are required.
When the adjustment terminal is bypass to improve the ripple rejection, the requirement for an output capacitor
increases. The Adjust pin is brought out on the fixed voltage device specifically to allow this capability. To further
improve stability and transient response of these devices larger values of output capacitor can be used. The modern
processors generate large high frequency current transients. The load current step contains higher order frequency
components than the output coupling network must handle until the regulator throttles to the load current level.
Because they contain parasitic resistance and inductance, capacitors are not ideal elements. These parasitic elements
dominate the change in output voltage as the beginning of a transient load step change. The ESR of the output
capacitors produces and instantaneous step in output voltage
ΔV = ΔI (ESR). The ESL of the output capacitors produces a drop proportional to the rate of change of the output
current V = L (ΔI / Δt). the output capacitance produces a change in output voltage proportional to the time until the
regulator can respond ΔV = Δt (ΔI / C).
Output Voltage
The TS1581 (adjustable version) develops a 1.25V reference voltage between the Sense Pin and the Adjust Pin
(Figure 5). Placing a resistor between these two terminals causes a constant current to flow though R1 and down
though R2 to set the output voltage. In general R1 is chosen so that this current is the specified minimum load current
of 10mA. The current out of the Adjust pin is small, typically 50uA and it adds to the current from R1.For best regulation
the top of the resistor divider should be connected directly to the Sense pin.
Figure 5. Setting Output Voltage
Figure 6. Optional Clamp Diodes Protect
Against Input Crowbar Circuits


同様の部品番号 - TS1581CM5XXRN

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1581CM5 TSC-TS1581CM5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM52.5 TSC-TS1581CM52.5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM525 TSC-TS1581CM525 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM53.3 TSC-TS1581CM53.3 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM533 TSC-TS1581CM533 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1581CM5XXRN

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500_07 Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
   5A LDO VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com